công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25QL641 bảng dữ liệu(PDF) 68 Page - Renesas Technology Corp

tên linh kiện AT25QL641
Giải thích chi tiết về linh kiện  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 bảng dữ liệu(HTML) 68 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 64Page - Renesas Technology Corp AT25QL641 Datasheet HTML 65Page - Renesas Technology Corp AT25QL641 Datasheet HTML 66Page - Renesas Technology Corp AT25QL641 Datasheet HTML 67Page - Renesas Technology Corp AT25QL641 Datasheet HTML 68Page - Renesas Technology Corp AT25QL641 Datasheet HTML 69Page - Renesas Technology Corp AT25QL641 Datasheet HTML 70Page - Renesas Technology Corp AT25QL641 Datasheet HTML 71Page - Renesas Technology Corp AT25QL641 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 68
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.38 Read Security Register (2Bh)
The Read Security Register can read the value of Security Register bits at any time (even in program/erase/write
status register-1 and write status register-2 condition) and continuously. Bits 0 and 1 of this register are described
below. All other bits of the register are reserved.
Secured OTP Indicator bit. The Secured OTP indicator bit shows the chip is locked by factory before or not.
When it is 0, it indicates a non-factory lock, a 1 indicates a factory lock.
Lock-down Secured OTP (LDSO) bit. By executing the Write Security Register command, the LDSO bit may be
set to 1 for customer lock down purposes. However, once the bit it set to 1 (locked down), the LDSO bit and the 4-
kbit Secured OTP area cannot be updated any more. While it is in 4-kbit Secured OTP mode, array access is not
allowed to write.
Figure 62. Read Security Register Command (SPI Mode)
Figure 63. Read Security Register Command (QPI Mode)
Table 18. Security Register Definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
xx
x
x
x
x
LDSO (indicate if lock-
down)
Secured OTP
indicator bit
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0 = not lock-down
1 = lock- down
(cannot program/
erase OTP)
0 = non factory lock
1 = factory lock
Volatile bit
Volatile bit
Volatile bit
Volatile bit
Volatile bit
Volatile bit
Non- Volatile bit
Non- Volatile bit
Command
High-Impedance
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com