công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCD1283 bảng dữ liệu(PDF) 35 Page - Intel Corporation

tên linh kiện SCD1283
Giải thích chi tiết về linh kiện  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 bảng dữ liệu(HTML) 35 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 31Page - Intel Corporation SCD1283 Datasheet HTML 32Page - Intel Corporation SCD1283 Datasheet HTML 33Page - Intel Corporation SCD1283 Datasheet HTML 34Page - Intel Corporation SCD1283 Datasheet HTML 35Page - Intel Corporation SCD1283 Datasheet HTML 36Page - Intel Corporation SCD1283 Datasheet HTML 37Page - Intel Corporation SCD1283 Datasheet HTML 38Page - Intel Corporation SCD1283 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
35
5.4.5
Receiving Compressed Data
RLE compressed data sequences that consist of a tagged RLE count followed by the compressed
data character, are stored in the FIFO in compressed form. As data is moved from the FIFO into the
data pipeline, the tag bit is inspected. If the tagged data is an RLE count (HostAck signal is high)
and RLEen is true, the RLE count is loaded into the RLCR instead of PFHR1; the next data
character is loaded into PFHR1. Decompression occurs by holding the compressed character in
PFHR1 as copies of the character are shifted forward into PFHR2. As each copy of the character is
shifted, the RLCR value decrements. When the RLCR has reached zero, the hold on PFHR1 is
released and it can shift forward in the pipeline as ordinary data.
Tagged data from the FIFO is recognized to be an ECP mode address and shifts into the pipeline
where it causes an interrupt to the CPU to remove the tagged data from the pipeline. If RLEen is
‘0’, all tagged data from the FIFO is shifted into the pipeline and produces CPU interrupts.
If an immediate termination occurs between the reception of the RLE count and the corresponding
data, then the RLE count is stored in RLCR and the next data byte received in ECP mode is
uncompressed into the FIFO (based on the values in RLCR provided and if RLEen is still set). If
the next byte received in ECP mode is a new RLE count, then that value overwrites the old value in
the RLCR.
5.4.6
Stale Data (Stale, OneChar, and Timeout Status Bits)
Data transfers to the CPU can also be initiated by the stale data timer. This timer is reloaded with
the value in the SDTPR and restarts each time data is placed into the FIFO from the parallel port.
When the timer reaches zero, the status indication stale bit (PFSR[2]) is set true unless StaleOff
(PACR[5]) is true.
StaleOff keeps the stale status bit false, even though the SDTCR counter value is zero. Should the
stale status become true with at least two characters of data available, a DMA request is made to
transfer the data. If the stale status is true and there is exactly one character available, the OneChar
status bit (PFSR[1]) is set and an interrupt generated to the CPU to transfer the single residual
character.
The PFSR indicates the Stale, OneChar, and FFempty conditions. The HRSR shows that PFHR2
contains the final character. An odd number of bytes cannot be transferred by DMA. If a DMA
transfer completes with one byte of data remaining, the data is held pending arrival of additional
data or the expiration of the stale data timer.
The OneChar status is latched true when the FIFO and the DMA buffer are empty, and there is one
character in the pipeline in PFHR2. While the OneChar status is true, further pipeline operations
are inhibited. If additional data arrives in the FIFO, it remains there until the CPU:
1. services the interrupt caused by the OneChar status, and
2. reads the data character from PFHR2.
If new data has arrived since the OneChar status bit was latched, the FFempty bit will be false.
When the CPU reads the single character from PFHR2, any newly arrived data in the FIFO
immediately moves forward into the pipeline and a DMA transfer can begin if conditions warrant.
Another latched status condition associated with the stale data timer is the Timeout status bit
(PFSR[5]). Timeout is reset by the FIFOres bit (PFCR[7]) and the ClrTO bit (PACR[3]). Timeout,
OneChar, and DataErr are pipeline interrupt conditions and, if enabled, generate an interrupt. In the
receive direction, the Timeout condition is armed when Stale is ‘0’ and ClrTO and FIFOres are also



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com