công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCD1283 bảng dữ liệu(PDF) 75 Page - Intel Corporation

tên linh kiện SCD1283
Giải thích chi tiết về linh kiện  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 bảng dữ liệu(HTML) 75 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 71Page - Intel Corporation SCD1283 Datasheet HTML 72Page - Intel Corporation SCD1283 Datasheet HTML 73Page - Intel Corporation SCD1283 Datasheet HTML 74Page - Intel Corporation SCD1283 Datasheet HTML 75Page - Intel Corporation SCD1283 Datasheet HTML 76Page - Intel Corporation SCD1283 Datasheet HTML 77Page - Intel Corporation SCD1283 Datasheet HTML 78Page - Intel Corporation SCD1283 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
75
This special-purpose register allows the local CPU to issue a hard reset of the device through
software. The RCR performs the same function as the CCR in the CD1283, except that the only
command available is the reset command. To maintain binary compatibility with the CD1284, the
CD1283 places the RCR in the address space of either of the two serial channels in the CD1284.
Thus, before issuing the reset command, the local CPU must select either channel 2 or 3 through
the AER. Once that is accomplished, a write of hex 81 to the RCR initiates the internal reset. The
local CPU must wait for the GFRCR to become valid before beginning operation with the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94