| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S181FL-L-RMM-2450S bảng dữ liệu(PDF) 39 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
S181FL-L-RMM-2450S bảng dữ liệu(HTML) 39 Page - Laird Tech Smart Technology |
|
39 / 40 page ![]() BT830 Datasheet Embedded Wireless Solutions Support Center: http://ews-support.lairdtech.com www.lairdtech.com/bluetooth 39 © Copyright 2016 Laird. All Rights Reserved Americas: +1-800-492-2320 Europe: +44-1628-858-940 Hong Kong: +852 2923 0610 BLUETOOTH SIG APPROVALS 17.1 Application Note: Subsystem Combinations This application note covers the procedure for generating a new Declaration ID for a Subsystem combination on the Bluetooth SIG website. In the instance of subsystems, a member can combine two or more subsystems to create a complete Bluetooth End Product solution. Subsystem listings referenced as an example: Design Name Owner Declaration ID Link to listing on the SIG website BT830 Laird D023115 https://www.bluetooth.org/tpg/QLI_viewQDL.cfm?qid=23115 Embedded CE 6.0 (Host Subsystem) Microsoft Corporation B012893 https://www.bluetooth.org/tpg/QLI_viewQDL.cfm?qid=12893 17.1.1 Laird Customer Declaration ID Procedure This procedure assumes that the member is simply combining two subsystems to create a new design, without any modification to the existing, qualified subsystems. This is achieved by using the Listing interface on the Bluetooth SIG website. Figure 24 shows the basic subsystem combination of a controller and host subsystem. The Controller provides the RF/BB/LM and HCI layers, with the Host providing L2CAP, SDP, GAP, RFCOMM/SPP and any other specific protocols and profiles existing in the Host subsystem listing. The design may also include a Profile Subsystem. The controller provides the RF/BB/LM and HCI layers, with the Host providing L2CAP, SDP, GAP, RFCOMM/SPP and any other specific protocols and profiles existing in the Host subsystem listing. The design may also include a Profile Subsystem. Figure 24: Basic subsystem combination of a controller and host subsystem The Qualification Process requires each company to registered as a member of the Bluetooth SIG – http://www.bluetooth.org The following link provides a link to the Bluetooth Registration page: https://www.bluetooth.org/login/register/ D023115 |