công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S181FL-L-RMM-2450S bảng dữ liệu(PDF) 37 Page - Laird Tech Smart Technology

tên linh kiện S181FL-L-RMM-2450S
Giải thích chi tiết về linh kiện  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S bảng dữ liệu(HTML) 37 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 32Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 33Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 34Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 35Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 36Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 37Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 38Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 39Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 40Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
37
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
EUROPEAN UNION REGULATORY
The BT830 has been tested for compliance with relevant standards for the EU market. BT830 modules were
tested with a 0.5 dBi chip antenna.
The OEM should consult with a qualified test house before entering their device into an EU member country to
make sure all regulatory requirements have been met for their complete device.
Reference the Declaration of Conformities listed below for a full list of the standards that the modules were
tested to. Test reports are available upon request.
15.1 EU Declarations of Conformity - BT830-SA and BT830-ST
Manufacturer:
Laird
Products:
BT830
EU Directives:
1999/5/EC – R&TTE
1999/519/EC
2006/95/EC – Low Voltage directive (LVD)
2004/108/EC – Electromagnetic compatibility (EMC)
2014/30/EU – EMC
Conformity Assessment:
Annex IV
Reference standards used for presumption of conformity:
Article Number
Requirement
Reference standard(s)
3.1a
2006/95/EC
Low voltage equipment safety
EN 60950-1:2006 +A11:2009 +A1:2010 +A12:2011
+A2:2013
2006/95/EC
RF Exposure
EN 62311:2008
EN 62479:2010
3.1b
2004/108/EC
Protection requirements with
respect to electromagnetic
compatibility
EN 301 489-1 v1.9.2 (2011-09)
EN 301 489-17 v2.2.1 (2012-09)
3.2
1999/5/EC
Means of the efficient use of
the radio frequency spectrum
EN 300 328 v1.9.1 (2015-02)
Declaration:
We, Laird, declare under our sole responsibility that the essential radio test suites have been carried out and
that the above product to which this declaration relates is in conformity with all the applicable essential
requirements of Article 3 of the EU Directive 1999/5/EC, when used for its intended purpose.
Place of Issue:
Laird
W66N220 Commerce Court, Cedarburg, WI 53012 USA
tel: +1-262-375-4400
fax: +1-262-364-2649
Date of Issue:
August 2016
Name of Authorized Person:
Thomas T Smith, Director of EMC Compliance
Signature of Authorized Person:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com