công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S181FL-L-RMM-2450S bảng dữ liệu(PDF) 34 Page - Laird Tech Smart Technology

tên linh kiện S181FL-L-RMM-2450S
Giải thích chi tiết về linh kiện  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S bảng dữ liệu(HTML) 34 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 30Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 31Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 32Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 33Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 34Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 35Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 36Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 37Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 38Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
34
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
FCC AND IC REGULATORY
Model
US/FCC
CANADA/IC
BT830
SQGBT830
3147A-BT830
BT830
SQGBT830
3147A-BT830
DVK-BT830
SQGBT830
3147A-BT830
The BT830 family has been designed to operate with the antenna listed below having a maximum gain of 0.5
dBi. The required antenna impedance is 50 ohms.
Item
Part Number
Mfg.
Type
Gain (dBi)
Connector
1
AT3216-B2R7HAA
ACX
Ceramic
0.5
N/A
2
S181FL-L-RMM-2450S
Nearson
Dipole
2.0
UFL
3
EBL2449A1-15UFL
Laird
PCB Dipole
2.0
UFL
4
MAF94190
Laird
Dipole
2.0
UFL
5
WRR2400-IP04-B
(MAF94019)
Laird
Dipole
1.5
UFL
14.1 Documentation Requirements
In order to ensure regulatory compliance, when integrating the BT830 into a host device, it is necessary to meet
the documentation requirements set forth by the applicable regulatory agencies. The following sections (FCC,
Industry Canada, and European Union) outline the information that may be included in the user’s guide and
external labels for the host devices into which the BT830 is integrated.
FCC
Note:
You must place “Contains FCC ID: SQG-BT830” on the host product in such a location that it can be
seen by an operator at the time of purchase.
User’s Guide Requirements
The BT830 complies with FCC Part 15 Rules for a Modular Approval. To leverage Laird’s grant, the conditions
below must be met for the host device into which the BT830 is integrated:
The transmitter module is not co-located with any other transmitter or antenna that is capable of
simultaneous operation.
As long as the conditions above are met, further transmitter testing is typically not required. However, the OEM
integrator is still responsible for testing its end-product for any additional compliance requirements required
with this module installed, such as (but not limited to) digital device emissions and PC peripheral requirements.
IMPORTANT:
In the event that the conditions above cannot be met (for example certain device configurations
or co-location with another transmitter), then the FCC authorization is no longer considered valid
and the FCC ID cannot be used on the final product. In these circumstances, the OEM integrator
will be responsible for re-evaluating the end product (including the transmitter) and obtaining a
separate FCC authorization.
When using Laird’s FCC grant for the BT830, the integrator must include specific information in
the user’s guide for the device into which the BT830 is integrated. The integrator must not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com