công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S181FL-L-RMM-2450S bảng dữ liệu(PDF) 16 Page - Laird Tech Smart Technology

tên linh kiện S181FL-L-RMM-2450S
Giải thích chi tiết về linh kiện  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S bảng dữ liệu(HTML) 16 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 12Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 13Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 14Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 15Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 16Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 17Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 18Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 19Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 20Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
16
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
8.6
Slots and Sample Formats
BT830 receives and transmits on any selection of the first four slots following each sync pulse. Slot durations are
either 8 or 16 clock cycles:
8 clock cycles for 8-bit sample formats
16 clock cycles for 8-bit, 13-bit, or 16-bit sample formats
BT830 supports:
13-bit linear, 16-bit linear, and 8-bit µ-law or A-law sample formats
A sample rate of 8 ksps
Little or big endian bit order
For 16-bit slots, the three or eight unused bits in each slot are filled with sign extension, padded with zeros
or a programmable 3-bit audio attenuation compatible with some codecs.
Figure 8: 16-bit slot Length and sample formats
8.7
PCM Timing Information
Table 10: PCM Timing information
Symbol
Parameter
Min
Typ
Max
Unit
fmclk
PCM_CLK frequency
4MHz DDS generation.
Frequency selection is
programmable.
-
128
-
kHz
256
512
48MHz DDS generation.
Frequency selection is
programmable.
2.9
-
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com