công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S181FL-L-RMM-2450S bảng dữ liệu(PDF) 20 Page - Laird Tech Smart Technology

tên linh kiện S181FL-L-RMM-2450S
Giải thích chi tiết về linh kiện  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S bảng dữ liệu(HTML) 20 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 16Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 17Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 18Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 19Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 20Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 21Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 22Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 23Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 24Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
20
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Figure 12: PCM Slave Timing Short Frame Sync
8.10 PCM_CLK and PCM_SYNC Generation
BT830 has two methods of generating PCM_CLK and PCM_SYNC in master mode:
Generating these signals by DDS from BT830internal 4MHz clock. Using this mode limits PCM_CLK to 128,
256 or 512 kHz and PCM_SYNC to 8 kHz.
Generating these signals by DDS from an internal 48MHz clock enables a greater range of frequencies to be
generated with low jitter but consumes more power. To select this second method, set bit to
48M_PCM_CLK_GEN_EN in PSKEY_PCM_CONFIG32. When in this mode and with long frame sync, the
length of PCM_SYNC is either 8 or 16 cycles of PCM_CLK, determined by LONG_LENGTH_SYNC_EN in
PSKEY_PCM_CONFIG32.
Equation 8.1 describes PCM_CLK frequency when generated from the internal 48MHz clock:
Equation 8.1: PCM_CLK Frequency Generated Using the Internal 48MHz Clock
Set the frequency of PCM_SYNC relative to PCM_CLK using Equation 8.2:
Equation 8.2: PCM_SYNC Frequency Relative to PCM_CLK
CNT_RATE, CNT_LIMIT and SYNC_LIMIT are set using PSKEY_PCM_LOW_JITTER_CONFIG. As an example, to
generate PCM_CLK at 512kHz with PCM_SYNC at 8kHz, set SKEY_PCM_LOW_JITTER_CONFIG to 0x08080177.
8.11 PCM Configuration
Configure the PCM by using PSKEY_PCM_CONFIG32 and PSKEY_PCM_LOW_JITTER_CONFIG (see your PSKey
file). The default for PSKEY_PCM_CONFIG32 is 0x00800000.
For example: First slot following sync is active, 13-bit linear voice format, long frame sync and interface master
generating 256kHz PCM_CLK from 4MHz internal clock with no tri-state of PCM_OUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com