công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S181FL-L-RMM-2450S bảng dữ liệu(PDF) 23 Page - Laird Tech Smart Technology

tên linh kiện S181FL-L-RMM-2450S
Giải thích chi tiết về linh kiện  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S bảng dữ liệu(HTML) 23 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 19Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 20Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 21Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 22Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 23Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 24Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 25Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 26Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 27Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
23
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Figure 15: Digital Audio Interface Master Timing
POWER SUPPLY AND REGULATION
BT830 can be powered by either of the two sources listed below:
Method #1 – Apply 3.3 V on pin-9, High-voltage linear regulator input (VREG_IN_HV), to generate the main 1.8 V
out put on pin-10 (VREG_OUT_HV).
A minimum 1.5μF capacitor must be connected to the Pin-10 (VREG_OUT_HV). Low ESR capacitors such
as multilayer ceramic types should be used. In this case, the VDD_PADS can be either 3.3V or 1.8V.
Method #2 – Apply 1.8V on pin-10 High-voltage linear regulator output (VREG_OUT_HV), to generate the
internal voltage for the system. Be sure to left Pin-9 un-connected in this method. In this case, the VDD_PADS
can only be set at 1.8V.
Note: The I/O signal voltage level (VDD_PADS) should be equal or less than the power supply mentioned
voltage above.
9.1
Voltage Regulator Enable and Reset
A single pin, VREG_EN_RST#, controls both the high-voltage linear regulator enables and the digital reset
function. The VREG_EN_RST# pin remains active controlling the reset function if the HV linear regulator is not
used; the pin must be driven high to take the device out of reset.
The regulator is enabled by taking the VREG_EN_RST# pin above 1.0V. The regulator can also be controlled by
the software.
The VREG_EN_RST# is also connected internally to the reset function, and is powered from the VDD_PADS
supply, so voltages above VDD_PADS must not be applied to this pin. The VREG_EN_RST# pin is pulled down
internally.
The VREG_EN_RST# pin is an active low reset. Assert the reset signal for a period greater than five milliseconds
to ensure a full reset.
Note:
The regulator enables are released as soon as VREG_EN_RST# is low, so the regulators shut down.
Therefore do not take VREG_EN_RST# low for less than five millilseconds, as a full reset is not
guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com