công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S181FL-L-RMM-2450S bảng dữ liệu(PDF) 24 Page - Laird Tech Smart Technology

tên linh kiện S181FL-L-RMM-2450S
Giải thích chi tiết về linh kiện  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S bảng dữ liệu(HTML) 24 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 20Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 21Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 22Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 23Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 24Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 25Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 26Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 27Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 28Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
24
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Other reset sources are:
- Power-on reset
- Via a software-configured watchdog timer
A warm reset function is also available under software control. After a warm reset the RAM data
remains available.
9.2
Power Sequencing
CSR recommends that all power supplies are powered at the same time. The order of powering the supplies
relative to the I/O supply, VDD_PADS to VREG_IN_HV or VREG_OUT_HV, is not important.
ANTENNA PERFORMANCE
10.1 Multilayer Chip Antenna
Figure 16 illustrates this antenna’s performance.
Unit in dBi @2.44GHz
XY-plane
XZ-plane
YZ-plane
Efficiency
Peak
Avg.
Peak
Avg.
Peak
Avg.
AT3216-B2R7HAA
-2.2
-5.9
-0.7
-5.0
-1.3
-3.7
40%
Figure 16: BT830 gain table for the multilayer chip antenna
Figure 17: Network Analyzer output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com