công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S181FL-L-RMM-2450S bảng dữ liệu(PDF) 12 Page - Laird Tech Smart Technology

tên linh kiện S181FL-L-RMM-2450S
Giải thích chi tiết về linh kiện  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S bảng dữ liệu(HTML) 12 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 8Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 9Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 10Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 11Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 12Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 13Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 14Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 15Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 16Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
12
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
RF CHARACTERISTICS
Table 8: RF Characteristics
RF Characteristics, VREG_IN_HV/VDD_PADS
= 3.3V @ room
temperature unless otherwise specified
Min
Typ.
Max
BT. Spec.
Unit
Maximum RF Transmit Power
7
8
20
dBm
RF power variation over temperature range
1.5
-
dB
RF power variation over supply voltage range
0.2
-
dB
RF power variation over BT band
3
-
dB
RF power control range
-21
8
-
dBm
20 dB band width for modulated carrier
1000
kHz
ACP
F = F0 ± 2MHz
-20
F = F0 ± 3MHz
-40
F = F0 > 3MHz
-40
Drift rate
5
≤20
kHz
ΔF1avg
165
140<175
kHz
ΔF1max
168
140<175
kHz
ΔF2avg / ΔF1avg
0.9
>=0.8
Table 9: BDR and EDR receiver sensitivity
RF Characteristics, VREG_IN_HV/VDD_PADS =
3.3V @ room temp.
Packet Type
Min
Typ
Max
BT. Spec.
Unit
Sensitivity for 0.1% BER
DH1
-87
-70
dBm
DH3
-87
dBm
DH5
-87
dBm
2-DH5
-91
dBm
3-DH5
-85
dBm
Sensitivity variation over BT band
All
3
dB
Sensitivity variation over temperature range
All
TBD
dB
INTERFACE
8.1
PIO
PIO lines are configured through software to have either weak or strong pull-ups or pull-downs. All PIO lines are
configured as inputs with weak pull-downs at reset and have additional individual bus-keeper configuration.
8.2
WLAN Coexistence Interface
Dedicated hardware is provided to implement a variety of WLAN coexistence schemes. The following are
supported:
Channel skipping AFH
Priority signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com