công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S181FL-L-RMM-2450S bảng dữ liệu(PDF) 32 Page - Laird Tech Smart Technology

tên linh kiện S181FL-L-RMM-2450S
Giải thích chi tiết về linh kiện  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S bảng dữ liệu(HTML) 32 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 28Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 29Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 30Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 31Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 32Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 33Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 34Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 35Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 36Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
32
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
There are 2500 BT830 modules taped in a reel (and packaged in a pizza box) and five boxes per carton (12,500
modules per carton). Reel, boxes, and carton are labeled with the appropriate labels. See Figure 22.
13.2.2.1 Packaging Process
Figure 22: BT800 packaging process
13.3 Reflow Parameters
Prior to any reflow, it is important to ensure the modules were packaged to prevent moisture absorption. New
packages contain desiccate (to absorb moisture) and a humidity indicator card to display the level maintained
during storage and shipment. If directed to bake units on the card, see Table 17 and follow instructions specified
by IPC/JEDEC J-STD-033. A copy of this standard is available from the JEDEC website:
http://www.jedec.org/sites/default/files/docs/jstd033b01.pdf
Note:
The shipping tray cannot be heated above 65°C. If baking is required at the higher temperatures
displayed in in Table 17, the modules must be removed from the shipping tray.
Any modules not manufactured before exceeding their floor life should be re-packaged with fresh desiccate and
a new humidity indicator card. Floor life for MSL (Moisture Sensitivity Level) 3 devices is 168 hours in ambient
environment 30°C/60%RH.
Table 17: Recommended baking times and temperatures
MSL 125°C
Baking Temp.
90°C/≤ 5%RH
Baking Temp.
40°C/ ≤ 5%RH
Baking Temp.
Saturated
@ 30°C/85%
Floor Life Limit
+ 72 hours
@ 30°C/60%
Saturated
@ 30°C/85%
Floor Life Limit
+ 72 hours
@ 30°C/60%
Saturated
@ 30°C/85%
Floor Life Limit
+ 72 hours @
30°C/60%
3
9 hours
7 hours
33 hours
23 hours
13 days
9 days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com