công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S181FL-L-RMM-2450S bảng dữ liệu(PDF) 30 Page - Laird Tech Smart Technology

tên linh kiện S181FL-L-RMM-2450S
Giải thích chi tiết về linh kiện  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S bảng dữ liệu(HTML) 30 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 26Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 27Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 28Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 29Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 30Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 31Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 32Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 33Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 34Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
30
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
12.1.2 DC Power Supply Options for Using BT830 Module
Using DC power 3.3 V
Power the on Pin-9 (VREG_IN_HV) with 3.3 V and pull-high on Pin-8 (VREG_EN_RST#) to turn on the
internal regulator. The BT830 module generates 1.8 V output on Pin-10 (VREG_OUT_HV) which can supply
to the other DC pin of the board.
Using DC power 1.8 V
Leave the Pin-9 (VREG_IN_HV) no connection, power the Pin-10 (VREG_OUT_HV) with 1.8 V and pull-high
on Pin-8 (VREG_EN_RST#) to turn on the internal regulator.
APPLICATION NOTE FOR SURFACE MOUNT MODULES
13.1 Introduction
Laird surface mount modules are designed to conform to all major manufacturing guidelines. This application
note is intended to provide additional guidance beyond the information that is presented in the user manual.
This application note is considered a living document and is updated as new information is presented.
The modules are designed to meet the needs of a number of commercial and industrial applications. They are
easy to manufacture and they conform to current automated manufacturing processes.
13.2 Shipping
13.2.1 Tray Package
Modules are shipped in ESD
(Electrostatic Discharge) safe trays
that can be loaded into most
manufacturers pick and place
machines. Layouts of the trays are
provided in Error! Reference s
ource not found..
Figure 19: Shipping tray layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com