công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S181FL-L-RMM-2450S bảng dữ liệu(PDF) 10 Page - Laird Tech Smart Technology

tên linh kiện S181FL-L-RMM-2450S
Giải thích chi tiết về linh kiện  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S bảng dữ liệu(HTML) 10 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 6Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 7Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 8Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 9Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 10Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 11Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 12Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 13Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 14Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
10
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Note 1:
The purpose of the SPI interface is to access the module’s inner settings such as selecting different
WLAN CO-EXIST scheme. The SPI interface can also be used to put the module in RF test mode. You
cannot use the module over the SPI interface for normal operation as the main host interface.
DC ELECTRICAL CHARACTERISTIC
Table 3: Absolute maximum ratings
Rating
Min
Max
Unit
Storage temperature
-40
+85
⁰C
VREG_IN_HV
2.3
4.8
V
VREG_OUT_HV
1.7
2.0
V
VDD_PADS
-0.4
3.6
V
Other terminal voltages
-0.4
VDD_PADS + 0.4 V
V
Table 4: Recommended operating conditions
Rating
Min
Max
Unit
Operating temperature
-30
+85
⁰C
VREG_IN_HV
3.0
3.6
V
VREG_OUT_HV
1.75
1.95
V
VDD_PADS
1.75
3.6
V
VREG_EN_RST#
VDD_PADS
VDD_PADS
V
Table 5: High-voltage Linear Regulator
Normal Operation
Min
Typ
Max
Unit
Input voltage (VREG_IN_HV)
3.0
3.3
3.6
V
Output voltage (VREG_OUT_HV)
1.75
1.85
1.95
V
Temperature coefficient
-200
-
200
ppm/⁰C
Output noise
(frequency range 100Hz to100kHz)
-
-
0.4
mV rms
Settling time (settling time
within 10% of final value)
-
-
5
µs
Output current
-
-
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com