công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN91C111 bảng dữ liệu(PDF) 55 Page - Microchip Technology

tên linh kiện LAN91C111
Giải thích chi tiết về linh kiện  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 bảng dữ liệu(HTML) 55 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 51Page - Microchip Technology LAN91C111 Datasheet HTML 52Page - Microchip Technology LAN91C111 Datasheet HTML 53Page - Microchip Technology LAN91C111 Datasheet HTML 54Page - Microchip Technology LAN91C111 Datasheet HTML 55Page - Microchip Technology LAN91C111 Datasheet HTML 56Page - Microchip Technology LAN91C111 Datasheet HTML 57Page - Microchip Technology LAN91C111 Datasheet HTML 58Page - Microchip Technology LAN91C111 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 55
LAN91C111
8.18
Bank 2 - FIFO Ports Register
This register provides access to the read ports of the Receive FIFO and the Transmit completion FIFO. The packet num-
bers to be processed by the interrupt service routines are read from this register.
REMPTY - No receive packets queued in the RX FIFO. For polling purposes, uses the RCV_INT bit in the Interrupt Sta-
tus Register.
TOP OF RX FIFO PACKET NUMBER - Packet number presently at the output of the RX FIFO. Only valid if REMPTY
is clear. The packet is removed from the RX FIFO using MMU Commands 3) or 4).
TEMPTY - No transmit packets in completion queue. For polling purposes, uses the TX_INT bit in the Interrupt Status
Register.
TX FIFO PACKET NUMBER - Packet number presently at the output of the TX FIFO. Only valid if TEMPTY is clear. The
packet is removed when a TX INT acknowledge is issued.
OFFSET
NAME
TYPE
SYMBOL
4
FIFO PORTS REGISTER
READ ONLY
FIFO
HIGH
BYTE
REMPTY
Reserved
RX FIFO PACKET NUMBER
100
000
00
LOW
BYTE
TEMPTY
Reserved
TX FIFO PACKET NUMBER
100
000
00
Note:
For software compatibility with future versions, the value read from each FIFO register is intended to be
written into the PNR as is, without masking higher bits (provided TEMPTY and REMPTY = 0 respectively).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com