công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN91C111 bảng dữ liệu(PDF) 38 Page - Microchip Technology

tên linh kiện LAN91C111
Giải thích chi tiết về linh kiện  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 bảng dữ liệu(HTML) 38 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 34Page - Microchip Technology LAN91C111 Datasheet HTML 35Page - Microchip Technology LAN91C111 Datasheet HTML 36Page - Microchip Technology LAN91C111 Datasheet HTML 37Page - Microchip Technology LAN91C111 Datasheet HTML 38Page - Microchip Technology LAN91C111 Datasheet HTML 39Page - Microchip Technology LAN91C111 Datasheet HTML 40Page - Microchip Technology LAN91C111 Datasheet HTML 41Page - Microchip Technology LAN91C111 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 125 page
background image
LAN91C111
DS00002276A-page 38
 2011-2016 Microchip Technology Inc.
8.0
MAC DATA STRUCTURES AND REGISTERS
8.1
Frame Format In Buffer Memory
The frame format in memory is similar for the Transmit and Receive areas. The first word is reserved for the status word.
The next word is used to specify the total number of bytes, and it is followed by the data area. The data area holds the
frame itself. By default, the last byte in the receive frame format is followed by the CRC, and the Control byte follows
the CRC.
BYTE COUNT - Divided by two, it defines the total number of words including the STATUS WORD, the BYTE COUNT
WORD, the DATA AREA, the CRC, and the CONTROL BYTE. The CRC is not included if the STRIP_CRC bit is set.
The maximum number of bytes in a RAM page is 2048 bytes.
The receive byte count always appears as even; the ODDFRM bit of the receive status word indicates if the low byte of
the last word is relevant.
FIGURE 8-1:
DATA FRAME FORMAT
Transmit Packet
Receive Packet
STATUS WORD
Written by CSMA upon transmit
completion (see Status Register)
Written by CSMA upon receive
completion (see RX Frame Status
Word)
BYTE COUNT
Written by CPU
Written by CSMA
DATA AREA
Written/modified by CPU
Written by CSMA
CONTROL BYTE
Written by CPU to control odd/even
data bytes
Written by CSMA; also has odd/even
bit
RESERVED
BYTE COUNT (always even)
STATUS WORD
DATA AREA
LAST DATA BYTE (if odd)
bit0
bit15
RAM
OFFSET
(DECIMAL)
0
2
4
2046 Max
CONTROL BYTE
Last Byte
1st Byte
2nd Byte
CRC (4 BYTES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com