| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0044 bảng dữ liệu(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 bảng dữ liệu(HTML) 110 Page - STMicroelectronics |
|
110 / 162 page ![]() STM8 instruction set PM0044 110/162 Doc ID 13590 Rev 3 Syntax JP dst e.g. JP test Operation PC <= dst Description The unconditional jump, simply replaces the content of PC by destination address in same section of memory. Control then passes to the statement addressed by the program counter. This instruction should be used instead of JRA during S/W development. Instruction overview Detailed description See also: JRT JP Jump (absolute) JP mnem dst Affected condition flags VI1 H I0 N Z C JP Mem --- --- - dst Asm cy lgth Op-code(s) ST7 longmem JP $1000 1 3 CC MS LS ✗ (X) JP(X) 1 1 FC ✗ (shortoff,X) JP($10,X) 1 2 EC XX ✗ (longoff,X) JP($1000,X) 1 3 DC MS LS ✗ (Y) JP(Y) 1 2 90 FC ✗ (shortoff,Y) JP($10,Y) 2 3 90 EC XX ✗ (longoff,Y) JP($1000,Y) 2 4 90 DC MS LS ✗ [shortptr.w] JP[$10.w] 5 3 92 CC XX ✗ [longptr.w] JP[$1000.w] 5 4 72 CC MS LS ([shortptr.w],X) JP([$10.w],X) 5 3 92 DC XX ✗ ([longptr.w],X) JP([$1000.w],X) 5 4 72 DC MS LS ([shortptr.w],Y) JP([$10.w],Y) 5 3 91 DC XX ✗ |