| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0044 bảng dữ liệu(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 bảng dữ liệu(HTML) 114 Page - STMicroelectronics |
|
114 / 162 page ![]() STM8 instruction set PM0044 114/162 Doc ID 13590 Rev 3 Syntax LD dst,src e.g. LD A,#$15 Operation dst <= src Description Load the destination byte with the source byte. The dst and src can be a register, a byte (low/high) of an index register or a memory/data byte. When half of an index register is loaded, the other half remains unchanged. Instruction overview N ⇒ R7 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. Detailed description LD Load LD mnem dst src Affected condition flags VI1 H I0 N Z C LD Reg Mem - - - - N Z - LD Mem Reg - - - - N Z - LD Reg Reg -- ----- dst src Asm cy lgth Op-code(s) ST7 A #byte LD A,#$55 1 2 A6 XX ✗ Ashortmem LD A,$50 1 2 B6 XX ✗ A longmem LD A,$5000 1 3 C6 MS LS ✗ A (X) LD A,(X) 1 1 F6 ✗ A (shortoff,X) LD A,($50,X) 1 2 E6 XX ✗ A (longoff,X) LD A,($5000,X) 1 3 D6 MS LS ✗ A (Y) LD A,(Y) 1 2 90 F6 ✗ A (shortoff,Y) LD A,($50,Y) 1 3 90 E6 XX ✗ A (longoff,Y) LD A,($5000,Y) 1 4 90 D6 MS LS ✗ A (shortoff,SP) LD A,($50,SP) 1 2 7B XX A [shortptr.w] LD A,[$50.w] 4 3 92 C6 XX ✗ A [longptr.w] LD A,[$5000.w] 4 4 72 C6 MS LS A ([shortptr.w],X) LD A,([$50.w],X) 4 3 92 D6 XX ✗ A ([longptr.w],X) LD A,([$5000.w],X) 4 4 72 D6 MS LS A ([shortptr.w],Y) LD A,([$50.w],Y) 4 3 91 D6 XX ✗ |