| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0044 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 162 page ![]() STM8 addressing modes PM0044 32/162 Doc ID 13590 Rev 3 6.1 Inherent addressing mode All related instructions are 1 or 2 byte. The op-code fully specifies all required information for the CPU to process the operation. Example: 1000 98 RCF ; Reset carry flag 1001 9D NOP ; No operation 1002 9F LD A,X; Transfer X register content into accumulator 1004 88 PUSH A; Push accumulator content onto the stack Table 18. Inherent addressing instructions Instructions Functions NOP No operation TRAP S/W Interrupt WFI, WFE Wait For Interrupt / Event (Low Power Mode) HALT Halt Oscillator (Lowest Power Mode) RET Sub-routine Return RETF Far Sub-routine Return IRET Interrupt Sub-routine Return SIM Set Interrupt Mask RIM Reset Interrupt Mask SCF Set Carry Flag RCF Reset Carry Flag RVF Reset Overflow Flag CCF Complement Carry Flag LD, LDW Load CLR, CLRW Clear PUSH, POP, PUSHW, POPW Push/Pop to/from the stack INC, DEC, INCW, DECW Increment/Decrement TNZ, TNZW Test Negative or Zero CPL, NEG, CPLW, NEGW 1’s or 2’s Complement MUL Byte Multiplication DIV, DIVW Division EXG, EXGW Exchange SLA, SLL, SRL, SRA, RLC, RRC, SLAW, SLLW, SRLW, SRAW, RLCW, RRCW Shift and Rotate Operations SWAP, SWAPW Swap Nibbles/Bytes |