| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0044 bảng dữ liệu(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 bảng dữ liệu(HTML) 80 Page - STMicroelectronics |
|
80 / 162 page ![]() STM8 instruction set PM0044 80/162 Doc ID 13590 Rev 3 Syntax BCCM dst, #pos (pos=0..7) e.g. BCCM $1234,#1 Operation dst(pos) <= CC.C Description Copies the Carry flag of the Condition Code (CC) register in the bit position of the memory location given by the destination address. M(longmem).bit <- CC.C Instruction overview Detailed description See also: LD, RCF, SCF BCCM Copy Carry Bit to Memory BCCM mnem dst bit position Affected condition flags VI1 H I0 N Z C BCCM Mem #pos -- -- -- - dst pos = 0..7 Asm cy lgth Op-code(s) ST7 longmem n =1+2*pos BCCM $1000,#2 1 4 90 1n MS LS |