công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM0044 bảng dữ liệu(PDF) 39 Page - STMicroelectronics

tên linh kiện PM0044
Giải thích chi tiết về linh kiện  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 bảng dữ liệu(HTML) 39 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 35Page - STMicroelectronics PM0044 Datasheet HTML 36Page - STMicroelectronics PM0044 Datasheet HTML 37Page - STMicroelectronics PM0044 Datasheet HTML 38Page - STMicroelectronics PM0044 Datasheet HTML 39Page - STMicroelectronics PM0044 Datasheet HTML 40Page - STMicroelectronics PM0044 Datasheet HTML 41Page - STMicroelectronics PM0044 Datasheet HTML 42Page - STMicroelectronics PM0044 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 162 page
background image
PM0044
STM8 addressing modes
Doc ID 13590 Rev 3
39/162
6.4
Indexed addressing mode (No Offset, Short, SP, Long,
Extended)
The data byte required for operation is found by its memory address, which is defined by the
unsigned addition of an index register (X or Y or SP) with an offset which follows the op-
code.
The indexed addressing mode is made of five sub-modes:
Table 24.
Overview Indexed addressing mode instructions
Addressing mode
Syntax
EA formula
Ptr Adr
Ptr Size
Dest adr
No offset
Direct Indexed
(ndx)
(ndx)
---
---
00..FFFF
Short
Direct Indexed
(shortoff,ndx) (ptr + ndx)
op + 1
Byte
00..100FE
Stack
Pointer
Direct Indexed
(shortoff,SP)
(ptr + SP)
op + 1
Byte
00..(FF+stacktop)
Long
Direct Indexed
(longoff,ndx)
(ptr.w + ndx) op + 1..2 Word
000000..01FFFE
Extended
Direct Indexed
(extoff,ndx)
(ptr.e + ndx) op + 1..3 Ext Word 000000..FFFFFF
Table 25.
No Offset, Long, Short and SP Indexed instructions
Instructions
Functions
LD, LDW
Load
CLR
Clear
CP
Compare
AND, OR, XOR
Logical Operations
ADC, ADD, SUB, SBC, ADDW, SUBW
Arithmetic Addition/Subtraction operations
INC, DEC
Increment/Decrement
TNZ
Test Negative or Zero
CPL, NEG
1’s or 2’s Complement
SLA, SLL, SRL, SRA, RLC, RRC
Shift and Rotate Operations
SWAP
Swap Nibbles
Table 26.
No Offset, Long, Short Indexed Instructions
Instructions
Functions
CALL, JP
Call or Jump subroutine
Table 27.
Extended Indexed Instructions only
Instructions
Functions
LDF
Far Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More