| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0044 bảng dữ liệu(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 bảng dữ liệu(HTML) 64 Page - STMicroelectronics |
|
64 / 162 page ![]() STM8 instruction set PM0044 64/162 Doc ID 13590 Rev 3 7.2.5 Operation code notation ee extended order byte of 24-bit extended address ww high order byte of 16-bit long address or middle order byte of 24-bit extended address bb short address or low order byte of 16-bit long address or 24-bit extended address ii immediate data byte or low order byte of 16-bit immediate data iw high order byte of 16-bit immediate data rr relative offset byte in a range of [-128..+127] 7.3 Instruction set summary Table 42. Instruction set summary Description Effect on CC register Syntax example Operation Example op- code(s) VI1 H I0 N Z C ADC Add with carry - - ADC A,($12,SP) A ← A + M(SP+shortoff) + CC.C 19 bb 1 ADD Add without carry - - ADD A,($12,SP) A ← A + M(SP+shortoff) 1B bb 1 - - - - - - - ADD SP,#$12 SP ← SP + imm.b 5B ii 2 ADDW Add word without carry - - ADDW X,($12,SP) X ←-X + M(SP+shortoff) 72 FB bb 2 AND Logical AND -- - - AND A,($12,SP) A ← A AND M(SP+shortoff) 14 bb 1 |