công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM0044 bảng dữ liệu(PDF) 88 Page - STMicroelectronics

tên linh kiện PM0044
Giải thích chi tiết về linh kiện  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 bảng dữ liệu(HTML) 88 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 84Page - STMicroelectronics PM0044 Datasheet HTML 85Page - STMicroelectronics PM0044 Datasheet HTML 86Page - STMicroelectronics PM0044 Datasheet HTML 87Page - STMicroelectronics PM0044 Datasheet HTML 88Page - STMicroelectronics PM0044 Datasheet HTML 89Page - STMicroelectronics PM0044 Datasheet HTML 90Page - STMicroelectronics PM0044 Datasheet HTML 91Page - STMicroelectronics PM0044 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 162 page
background image
STM8 instruction set
PM0044
88/162
Doc ID 13590 Rev 3
Operation
PC = PC+lgth
(SP--) = PCL
(SP--) = PCH
PC = dst
Description
The current PC register value is pushed onto the stack, then PC is loaded
with the destination address in same section of memory. The CALL
destination and the instruction following the CALL should be in the same
section as PCE is not stacked. The corresponding RET instruction should
be executed in the same section. This instruction should be used versus
CALLR when developing a program.
Instruction overview
Detailed description
See also:RET, CALLR, CALLF
CALL
CALL Subroutine
(Absolute)
CALL
mnem
dst
Affected condition flags
VI1
H
I0
N
Z
C
CALL
Mem
--
---
--
dst
Asm
cy
lgth
Op-code(s)
ST7
longmem
CALL $1000
4
3
CD
MS
LS
(X)
CALL(X)
4
1
FD
(shortoff,X)
CALL($10,X)
4
2
ED
XX
(longoff,X)
CALL($1000,X)
4
3
DD
MS
LS
(Y)
CALL(Y)
4
2
90
FD
(shortoff,Y)
CALL($10,Y)
4
3
90
ED
XX
(longoff,Y)
CALL($1000,Y)
4
4
90
DD
MS
LS
[shortptr.w]
CALL[$10.w]
6
3
92
CD
XX
[longptr.w]
CALL[$1000.w]
6
4
72
CD
MS
LS
([shortptr.w],X) CALL([$10.w],X)
6
3
92
DD
XX
([longptr.w],X)
CALL([$1000.w],X)
6
4
72
DD
MS
LS
([shortptr.w],Y) CALL([$10.w],Y)
6
3
91
DD
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More