công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM0044 bảng dữ liệu(PDF) 90 Page - STMicroelectronics

tên linh kiện PM0044
Giải thích chi tiết về linh kiện  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 bảng dữ liệu(HTML) 90 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 86Page - STMicroelectronics PM0044 Datasheet HTML 87Page - STMicroelectronics PM0044 Datasheet HTML 88Page - STMicroelectronics PM0044 Datasheet HTML 89Page - STMicroelectronics PM0044 Datasheet HTML 90Page - STMicroelectronics PM0044 Datasheet HTML 91Page - STMicroelectronics PM0044 Datasheet HTML 92Page - STMicroelectronics PM0044 Datasheet HTML 93Page - STMicroelectronics PM0044 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 162 page
background image
STM8 instruction set
PM0044
90/162
Doc ID 13590 Rev 3
Syntax
CALLR dst
e.g. CALLR chk_pol
Operation
PC = PC+lgth
(SP--) = PCL
(SP--) = PCH
PC = PC + dst
Description
The current PC register value is pushed onto the stack, then PC is loaded
with the relative destination address. This instruction is used, once a
program is debugged, to shrink the overall program size. The CALLR
destination and the corresponding RET instruction address must be in the
same section, as PCE is not stacked.
Instruction overview
Detailed description
See also: CALL, RET
CALLR
CALL Subroutine Relative
CALLR
mnem
dst
Affected condition flags
VI1
H
I0
N
Z
C
CALLR
Mem
-
--
--
--
dst
Asm
cy
lgth
Op-code(s)
ST7
shortmem
CALLR $10
4
2
AD
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More