| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0044 bảng dữ liệu(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 bảng dữ liệu(HTML) 98 Page - STMicroelectronics |
|
98 / 162 page ![]() STM8 instruction set PM0044 98/162 Doc ID 13590 Rev 3 Syntax CPLW dst e.g. CPLW X Operation dst <= dst XOR FFFF, or FFFF - dst Description The destination index register is read, then each bit is toggled (inverted) and the result is written back to the destination index register. Instruction overview N ⇒ R15 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R15.R14.R13.R12.R11.R10.R9.R8.R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. C ⇒ 1 Set Detailed description See also: CPL, NEGW, XOR, AND, OR CPLW Logical 1’s Complement Word CPLW mnem dst Affected condition flags VI1 H I0 N Z C CPLW Reg - - - - N Z 1 dst Asm cy lgth Op-code(s) ST7 XCPLW X 2 1 53 ✗ YCPWL Y 2 2 90 53 ✗ |