công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM0044 bảng dữ liệu(PDF) 77 Page - STMicroelectronics

tên linh kiện PM0044
Giải thích chi tiết về linh kiện  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 bảng dữ liệu(HTML) 77 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 73Page - STMicroelectronics PM0044 Datasheet HTML 74Page - STMicroelectronics PM0044 Datasheet HTML 75Page - STMicroelectronics PM0044 Datasheet HTML 76Page - STMicroelectronics PM0044 Datasheet HTML 77Page - STMicroelectronics PM0044 Datasheet HTML 78Page - STMicroelectronics PM0044 Datasheet HTML 79Page - STMicroelectronics PM0044 Datasheet HTML 80Page - STMicroelectronics PM0044 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 162 page
background image
PM0044
STM8 instruction set
Doc ID 13590 Rev 3
77/162
Syntax
ADD A,src
e.g. ADD A,#%11001010
Operation
A <= A+ src
Description
The source byte is added to the contents of the accumulator and the result
is stored in the accumulator. The source is a memory or data byte.
Instruction overview
V
(A7.M7 + M7.R7 + R7.A7)
⊕ (A6.M6 + M6.R6 + R6.A6)
Set if the signed operation generates an overflow, cleared otherwise.
H
A3.M3 + M3.R3 + R3.A3
Set if a carry occurred from bit 3 of the result, cleared otherwise.
N
R7
Set if bit 7 of the result is set (negative value), cleared otherwise.
Z
R7.R6.R5.R4.R3.R2.R1.R0
Set if the result is zero (0x00), cleared otherwise.
C
A7.M7 + M7.R7 + R7.A7
Set if a carry occurred from bit 7 of the result, cleared otherwise.
Detailed description
See also: ADDW, ADC, SUB, SBC, MUL, DIV
ADD
Addition
ADD
mnem
dst
src
Affected condition flags
VI1
H
I0
N
Z
C
ADD
A
Mem
V
-H-N
Z
C
dst
src
Asm
cy
lgth
Op-code(s)
ST7
A
#byte
ADD A,#$55
1
2
AB
XX
A
shortmem
ADD A,$10
1
2
BB
XX
A
longmem
ADD A,$1000
1
3
CB
MS
LS
A
(X)
ADD A,(X)
1
1
FB
A
(shortoff,X)
ADD A,($10,X)
1
2
EB
XX
A
(longoff,X)
ADD A,($1000,X)
1
3
DB
MS
LS
A
(Y)
ADD A,(Y)
1
2
90
FB
A
(shortoff,Y)
ADD A,($10,Y)
1
3
90
EB
XX
A
(longoff,Y)
ADD A,($1000,Y)
1
4
90
DB
MS
LS
A
(shortoff,SP)
ADD A,($10,SP)
1
2
1B
XX
A
[shortptr.w]
ADD A,[$10.w]
4
3
92
CB
XX
A
[longptr.w]
ADD A,[$1000.w]
4
4
72
CB
MS
LS
A
([shortptr.w],X)
ADD A,([$10.w],X)
4
3
92
DB
XX
A
([longptr.w],X)
ADD A,([$1000.w],X)
4
4
72
DB
MS
LS
A
([shortptr.w],Y)
ADD A,([$10.w],Y)
4
3
91
DB
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More