| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0044 bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 65/162 BCCM Copy carry in memory bit - - - - - - - BCCM $1234,#1 M(longmem).bit ← CC.C 90 1n ww bb n= 2*bit 1 BCP Logical bit compare -- - - BCP A,($12,SP) test {A AND M(SP+shortoff) } N and Z are updated accordingly 15 bb 1 BCPL Complement bit in memory - - - - - - - BCPL $1234,#1 M(longmem).bit ← M(longmem).bit 90 1n ww bb n= 2*bit 1 BREAK Software breakpoint - - --- - - SW-BREAK 8B 1 Flush BRES Bit reset - - - - - - - BRES $1234,#1 M(longmem).bit ← 0 72 1n ww bb n= 1 + 2*bit 1 BSET Bit set - - - - - - - BSET $1234,#1 M(longmem).bit ← 1 72 1n ww bb n= 2*bit 1 BTJF Bit test and relative jump if condition is false - - --- - BTJF $1234,#1,label if M(longmem).bit=0 then PC ← PC + 4 + rr else PC ← PC + 4 72 0n ww bb n= 1 + 2*bit 2/3 Flush (2) BTJT Bit test and relative jump if condition is true - - --- - BTJT $1234,#1,label if M(longmem).bit=1 then PC ← PC + 4 + rr else PC ← PC + 4 72 0n ww bb n= 2*bit 2/3 Flush (2) CALL Call to Subroutine with address in same section - - - - - - - CALL [$1234.w] PC ← PC + 4 M(SP--) ← PCL M(SP--) ← PCH PCH ← M(longmem) PCL ← M(longmem + 1) 72 CD ww bb 6 Flush CALLF Call to subroutine with extended address - - - - - - - CALLF $123456 PC ← PC+4 M(SP--) ← PCL M(SP--) ← PCH M(SP--) ← PCE PC ← extmem 8D ee ww bb 5 Flush CALLR Call Subroutine relative - - - - - - - CALLR label PC ← PC + 4 M(SP--) ← PCL M(SP--) ← PCH PC ← PC + rr AD bb 4 Flush CCF Complement carry flag - - --- - C CCF CC.C ← CC.C 8C 1 CLR Clears the destination byte - - - - 0 1 - CLR ([$1234.w],X) M( M(longmem).w + X ) ← 0x00 72 6F ww bb 4 CLRW Clears the destination index register - - - - 0 1 - CLRW X X ← 0x0000 5F 1 CP Compare -- - CP A,($12,SP) test { A - M(SP+shortoff) } 11 bb 1 Table 42. Instruction set summary (continued) Description Effect on CC register Syntax example Operation Example op- code(s) VI1 H I0 N Z C |