| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0044 bảng dữ liệu(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 bảng dữ liệu(HTML) 73 Page - STMicroelectronics |
|
73 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 73/162 SRL Shift right logical -- - - SRL ([$1234.w],X) CC.C ← bit 0 R0 ← bit 1 R1 ← bit 2 R2 ← bit 3 R3 ← bit 4 R4 ← bit 5 R5 ← bit 6 R6 ← bit 7 R7 ← 0 72 64 ww bb 4 SRLW Shift word right arithmetic -- - - SRLW X CC.C ← bit 0 R0 ← bit 1 R1 ← bit 2 R2 ← bit 3 .... R12 ← bit 13 R13 ← bit 14 R14 ← bit 15 R15 ← 0 54 2 SUB Subtract without carry -- - SUB A,($12,SP) A ← A -M(SP+shortoff) 10 bb 1 - - - - - - - SUB SP,#$12 SP ← SP + imm.b 52 ii 2 SUBW Subtract word without carry - - SUBW X,($12,SP) X ← X -M(SP+shortoff) 72 F0 bb 2 SWAP Swap nibbles - - - - - SWAP ([$1234.w],X) R0 ↔ R4 R1 ↔ R5 R2 ↔ R6 R3 ↔ R7 72 6E ww bb 4 Table 42. Instruction set summary (continued) Description Effect on CC register Syntax example Operation Example op- code(s) VI1 H I0 N Z C |