| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3128 bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 105 page ![]() AN3128 Multi-input embedded GUI library firmware Doc ID 16918 Rev 5 33/105 4.1.11 NewHistogram API global function This kind of object is composed of two axes (X & Y) with the relative values printed to the side, and a certain number of blue columns representing the real distribution of respective values. The values are saved in a vector of decimal numbers. A typical example of the application of this object may be reading the distribution of measured values concerning changing data. It is possible to change the values of the vectors through the function “SetHistogramPoints” defined in the following pages, therefore easily integrating such an object into the application. Figure 12. Histogram graphical object Table 16 describes the NewHistogram function: Table 16. NewHistogram API function Name Description Function name NewHistogram Function prototype GL_PageControls_TypeDef* NewHistogram (char* oName, char* LabelX, char* LabelY, int16_t data_points[], GL_uint8_t n_points); Behavior description Create and initialize a new histogram object (a C structure) Input parameter {x} oName: object Name LabelX: Label for the X axis LabelY: Label for the Y axis data_points[]: the array of points to be plotted on the LCD pointer to function associated to its touch event n_points: number of points to be plotted Output parameter {x} None Return value The created object pointer or null if the object cannot be created |