| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3128 bảng dữ liệu(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 bảng dữ liệu(HTML) 62 Page - STMicroelectronics |
|
62 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 62/105 Doc ID 16918 Rev 5 4.2.16 GL_Slidebar_TypeDef type /* Object type */ /* Forward declaration for circular typedefs */ typedef struct GL_SlidebarObj GL_Slidebar_TypeDef; struct GL_SlidebarObj { char objName[MAX_NAME_LENGTH]; GL_ObjType objType; GL_uint8_t* ImageCursorPTR; GL_uint8_t* ImageBackgroundPTR; char label[MAX_SLIDE_LABEL_LENGTH]; GL_Direction Direction; GL_uint8_t Width; GL_uint8_t Length; GL_uint8_t LastValue; GL_uint8_t PrevValue; GL_uint8_t MinValue; GL_uint8_t MaxValue; GL_uint16_t* BehindCursor; GL_bool Control_Visible; GL_ErrStatus (*SetSlidebarVisible)(GL_Slidebar_TypeDef* pThis, GL_PageControls_TypeDef* pControl); void* (*EventHandler)(void); }; 4.2.17 GL_Histogram_TypeDef type /* Object type */ /* Forward declaration for circular typedefs */ typedef struct GL_HistogramObj GL_Histogram_TypeDef; struct GL_HistogramObj { char objName[MAX_NAME_LENGTH]; GL_ObjType objType; char label_X[MAX_HIST_LABEL_LENGTH]; char label_Y[MAX_HIST_LABEL_LENGTH]; int16_t points[MAX_HIST_POINTS]; GL_uint8_t n_points; GL_bool Control_Visible; GL_ErrStatus (*SetHistogramVisible)(GL_Histogram_TypeDef* pThis); }; 4.2.18 GL_GraphChart_TypeDef type /* Object type */ /* Forward declaration for circular typedefs */ typedef struct GL_GraphChartObj GL_GraphChart_TypeDef; struct GL_GraphChartObj { char objName[MAX_NAME_LENGTH]; GL_ObjType objType; char label_X[MAX_GRAPH_LABEL_LENGTH]; char label_Y[MAX_GRAPH_LABEL_LENGTH]; int16_t points[MAX_GRAPH_POINTS]; GL_uint8_t n_points; GL_bool Background; GL_bool Control_Visible; GL_ErrStatus (*SetGraphChartVisible)(GL_GraphChart_TypeDef* pThis); }; |