| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3128 bảng dữ liệu(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 bảng dữ liệu(HTML) 80 Page - STMicroelectronics |
|
80 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 80/105 Doc ID 16918 Rev 5 4.6.19 GL_GPIO_Init HAL function Table 58 describes the GL_GPIO_Init function of the hardware abstraction layer. 4.6.20 GL_SPI_Init HAL function Table 59 describes the GL_SPI_Init function of the hardware abstraction layer. Behavior description Create and initialize a new button Hw parameter structure object used by the micro in order to manage the push button device Input parameter {x} None Output parameter {x} None Return value The created object pointer Required preconditions None Called functions None Table 57. NewBtnHwParamObj HAL (continued) Name Description Table 58. GL_GPIO_Init Name Description Function name GL_GPIO_Init Function prototype void GL_GPIO_Init (GPIO_TypeDef* GPIOx, GL_GPIO_InitTypeDef* GPIO_InitStruct) Behavior description Initializes the GPIOx peripheral according to the specified parameters in the GPIO_InitStruct Input parameter {x} GPIOx: where x can be 1, 2, 3, … to select the GPIO port. GPIO_InitStruct: pointer to GPIO_InitTypeDef structure that contains the configuration information for the specified GPIO peripheral Output parameter {x} None Return value None Required preconditions None Called functions GPIO_Init (GPIOx, GPIO_InitStruct) Table 59. GL_SPI_Init Name Description Function name GL_SPI_Init Function prototype void GL_SPI_Init (SPI_TypeDef* SPIx, GL_SPI_InitTypeDef* SPI_InitStruct) Behavior description Initializes the SPIx peripheral according to the specified parameters in the SPI_InitStruct. |