| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3128 bảng dữ liệu(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 bảng dữ liệu(HTML) 79 Page - STMicroelectronics |
|
79 / 105 page ![]() AN3128 Multi-input embedded GUI library firmware Doc ID 16918 Rev 5 79/105 4.6.16 NewTscHwParamObj HAL function Table 55 describes the NewTscHwParamObj function of the hardware abstraction layer. 4.6.17 NewJoyHwParamObj HAL function Table 56 describes the NewJoyHwParamObj function of the hardware abstraction layer. 4.6.18 NewBtnHwParamObj HAL function Table 57 describes the NewBtnHwParamObj function of the hardware abstraction layer. Table 55. NewTscHwParamObj Name Description Function name NewTscHwParamObj Function prototype TSC_HW_Parameters_TypeDef* NewTscHwParamObj (void) Behavior description Create and initialize a new touchscreen Hw parameter structure object used by the micro in order to manage the touchscreen controller device Input parameter {x} None Output parameter {x} None Return value The created object pointer Required preconditions None Called functions None Table 56. NewJoyHwParamObj Name Description Function name NewJoyHwParamObj Function prototype JOY_HW_Parameters_TypeDef* NewJoyHwParamObj (void) Behavior description Create and initialize a new joystick Hw parameter structure object used by the micro in order to manage the joystick device Input parameter {x} None Output parameter {x} None Return value The created object pointer Required preconditions None Called functions None Table 57. NewBtnHwParamObj HAL Name Description Function name NewBtnHwParamObj Function prototype BTN_HW_Parameters_TypeDef* NewBtnHwParamObj (void) |