| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3128 bảng dữ liệu(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 bảng dữ liệu(HTML) 82 Page - STMicroelectronics |
|
82 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 82/105 Doc ID 16918 Rev 5 4.6.23 GL_NVIC_PriorityGroupConfig HAL function Table 62 describes the GL_NVIC_PriorityGroupConfig function of the hardware abstraction layer. 4.6.24 GL_EXTI_DeInit HAL function Table 63 describes the GL_EXTI_DeInit function of the hardware abstraction layer. Output parameter {x} None Return value None Required preconditions None Called functions NVIC_Init (NVIC_InitStruct); Table 61. GL_NVIC_Init (continued) Name Description Table 62. GL_NVIC_PriorityGroupConfig Name Description Function name GL_NVIC_PriorityGroupConfig Function prototype void GL_NVIC_PriorityGroupConfig (GL_uint32_t NVIC_PriorityGroup) Behavior description Configures the priority grouping: pre-emption priority and subpriority Input parameter {x} NVIC_PriorityGroup: specifies the priority grouping bits length. This parameter can be one of the following values: – NVIC_PriorityGroup_0: 0 bits for pre-emption priority, 4 bits for subpriority – NVIC_PriorityGroup_1: 1 bits for pre-emption priority, 3 bits for subpriority – NVIC_PriorityGroup_2: 2 bits for pre-emption priority, 2 bits for subpriority – NVIC_PriorityGroup_3: 3 bits for pre-emption priority, 1 bits for subpriority – NVIC_PriorityGroup_4: 4 bits for pre-emption priority, 0 bits for subpriority Output parameter {x} None Return value None Required preconditions None Called functions NVIC_PriorityGroupConfig (NVIC_PriorityGroup) Table 63. GL_EXTI_DeInit Name Description Function name GL_EXTI_DeInit Function prototype void GL_EXTI_DeInit (void) Behavior description Deinitializes the EXTI peripheral registers to their default reset values Input parameter {x} None Output parameter {x} None Return value None |