| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3128 bảng dữ liệu(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 bảng dữ liệu(HTML) 61 Page - STMicroelectronics |
|
61 / 105 page ![]() AN3128 Multi-input embedded GUI library firmware Doc ID 16918 Rev 5 61/105 4.2.13 GL_ComboBoxGrp_TypeDef type /* Object type */ /* Forward declaration for circular typedefs */ typedef struct GL_ComboBoxGrp GL_ComboBoxGrp_TypeDef; struct GL_ComboBoxGrp { GL_ObjType objType; GL_uint8_t* ImageClickedPTR; GL_uint8_t* ImageUnClickedPTR; GL_bool Secondary; GL_PageControls_TypeDef* PrimaryComboOpt; char objName[MAX_NAME_LENGTH]; GL_bool Control_Visible; GL_uint16_t ComboOptionCount; GL_ComboOption_TypeDef* ComboOptions[MAX_COMBO_OPTIONS]; GL_ErrStatus (*AddComboOption)(GL_ComboBoxGrp_TypeDef* pThis, char* label, void* (*pEventHandler)(void) ); GL_ErrStatus (*SetComboBoxVisible)(GL_ComboBoxGrp_TypeDef* pThis, GL_Coordinate_TypeDef objCoordinates); }; 4.2.14 GL_ComboOption_TypeDef type /* Object type */ /* Forward declaration for circular typedefs */ typedef struct GL_ComboOptionObj GL_ComboOption_TypeDef; struct GL_ComboBoxGrp { __IO uint16_t BackColor; GL_vuint16_t TextColor; GL_ComboBoxGrp_TypeDef* ComboBoxGrp; char label[MAX_COMBO_LABEL_LENGTH]; GL_bool IsActive; void* (*EventHandler)(void); }; 4.2.15 GL_Icon_TypeDef type /* Object type */ /* Forward declaration for circular typedefs */ typedef struct GL_IconObj GL_Icon_TypeDef; struct GL_IconObj { char objName[MAX_NAME_LENGTH]; GL_ObjType objType; GL_uint8_t* ImagePTR; GL_uint16_t ImageWidth; GL_uint8_t ImageHeight; GL_bool isObjectTouched; GL_bool Control_Visible; GL_ErrStatus (*SetIconVisible)(GL_Icon_TypeDef* pThis, GL_Coordinate_TypeDef objCoordinates); void* (*EventHandler)(void); }; |