| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3128 bảng dữ liệu(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 bảng dữ liệu(HTML) 72 Page - STMicroelectronics |
|
72 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 72/105 Doc ID 16918 Rev 5 4.5.6 TSC_Flash_TestStatus type /* For Flash Programming */ typedef enum {FAILED = 0, PASSED = !FAILED} TSC_Flash_TestStatus; 4.5.7 GL_LCD_TypeDef type /* LCD Structure definition */ typedef enum { __IO uint16_t LCD_REG; __IO uint16_t LCD_RAM; } GL_LCD_TypeDef; 4.6 HAL functions 4.6.1 NewLcdHwParamObj HAL function Table 40 describes the NewLcdHwParamObj function of the hardware abstraction layer. 4.6.2 GL_SetTextColor HAL function Table 41 describes the GL_SetTextColor function of the hardware abstraction layer. Table 40. NewLcdHwParamObj Name Description Function name NewLcdHwParamObj Function prototype LCD_HW_Parameters_TypeDef* NewLcdHwParamObj (void) Behavior description Create and initialize a new LCD Hw parameter structure object Input parameter {x} None Output parameter {x} None Return value The created object pointer Required preconditions None Called functions None Table 41. GL_SetTextColor Name Description Function name GL_SetTextColor Function prototype void GL_SetTextColor (__IO uint16_t TextColor) Behavior description Sets the text color Input parameter {x} Color: specifies the text color code RGB (5-6-5) Output parameter {x} TextColor: text color global variable used by GL_DrawChar and GL_DrawPicture functions Return value None |