công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3128 bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện AN3128
Giải thích chi tiết về linh kiện  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 22Page - STMicroelectronics AN3128 Datasheet HTML 23Page - STMicroelectronics AN3128 Datasheet HTML 24Page - STMicroelectronics AN3128 Datasheet HTML 25Page - STMicroelectronics AN3128 Datasheet HTML 26Page - STMicroelectronics AN3128 Datasheet HTML 27Page - STMicroelectronics AN3128 Datasheet HTML 28Page - STMicroelectronics AN3128 Datasheet HTML 29Page - STMicroelectronics AN3128 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
26/105
Doc ID 16918 Rev 5
4.1.4
NewSwitch API global function
The switch object or SwitchButton is very similar to the button object and actually contains
all its features, the only difference being that when this object is stimulated through the
touchscreen or the joystick, its state, and then its graphical look, change permanently until a
new press event.
The most obvious function of this object is to change the status of a Boolean/Binary variable
(0/1) and so enable/disable something.
Figure 8.
Switch graphical layout
Table 9 describes the NewSwitch function:
Example
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Switch Object and add it with specified coordinates to a
Page Object */
GL_PageControls_TypeDef* EnDisBtn = NewSwitch("EnDisBtn","Enable","Disable",MyFunc);
AddPageControlObj((uint16_t)((LCD_Width/10)*6),(uint8_t)((LCD_Height/9)*4),EnDisBtn,
&page1);
Once a switch object instance is created using the NewSwitch function, the switch object
itself provides all its features through its internal function pointers.
Figure 14, 15, 16, show, in detail, the switch object properties and methods which the final
application can use to interact with.
Table 9.
NewSwitch API function
Name
Description
Function name
NewSwitch
Function prototype
GL_PageControls_TypeDef* NewSwitch (char* oName, char* Label_1,
char* Label_2, void* (*pEventHandler)(void))
Behavior description
Create and initialize a new Label Object (a C structure)
Input parameter {x}
oName: object name
Label_1: Label on not clicked switch button
Label_2: Label on clicked switch button
pEventHandler: pointer to function associated to its touch event
Output parameter {x}
None
Return value
The created object pointer or null if the object cannot be created
Required preconditions
None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More