| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3128 bảng dữ liệu(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 bảng dữ liệu(HTML) 74 Page - STMicroelectronics |
|
74 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 74/105 Doc ID 16918 Rev 5 4.6.5 GL_LCD_DrawCharTransparent HAL function Table 44 describes the GL_LCD_DrawCharTransparent function of the hardware abstraction layer. 4.6.6 GL_LCD_DrawChar HAL function Table 45 describes the GL_LCD_DrawChar function of the hardware abstraction layer. Table 44. GL_LCD_DrawCharTransparent HAL function Name Description Function name GL_LCD_DrawCharTransparent Function prototype void GL_LCD_DrawCharTransparent (uint8_t Xpos, uint16_t Ypos, uc8 *c) //8bit char Behavior description Draws a character on the LCD without background Input parameter {x} Xpos: the line where the character shape is displayed. This parameter can be one of the following values: - Linex: where x is 0..9 Ypos: start column address. c: pointer to the character data Output parameter {x} None Return value None Required preconditions None Called functions None Table 45. GL_LCD_DrawChar HAL function Name Description Function name GL_LCD_DrawChar Function prototype void GL_LCD_DrawChar (uint8_t Xpos, uint16_t Ypos, uc8 *c) //8bit char Behavior description Draws a character on the LCD with background color Input parameter {x} Xpos: the line where the character shape is displayed. This parameter can be one of the following values: Linex: where x is 0..9 Ypos: start column address. c: pointer to the character data Output parameter {x} None Return value None Required preconditions None Called functions None |