| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3128 bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 54/105 Doc ID 16918 Rev 5 Example: int main(void) { LCD_HW_Parameters_TypeDef* pLcdParam = NewLcdHwParamObj (); TSC_HW_Parameters_TypeDef* pTscParam = NewTscHwParamObj (); JOY_HW_Parameters_TypeDef* pJoyParam = NewJoyHwParamObj (); BTN_HW_Parameters_TypeDef* pBtnParam = NewBtnHwParamObj (); ... /* Touch Screen Init */ TSC_Init(); /* Joystick Init */ GL_JoyStickConfig_GPIO(); ... CursorInit( GL_NULL ); ... } 4.1.34 CursorShow API global function The function CursorShow sets an initial value of the Cursor position. Table 39 describes the CursorShow function: Example: int main(void) { LCD_HW_Parameters_TypeDef* pLcdParam = NewLcdHwParamObj (); TSC_HW_Parameters_TypeDef* pTscParam = NewTscHwParamObj (); JOY_HW_Parameters_TypeDef* pJoyParam = NewJoyHwParamObj (); BTN_HW_Parameters_TypeDef* pBtnParam = NewBtnHwParamObj (); ... /* Touch Screen Init */ TSC_Init(); /* Joystick Init */ Table 39. CursorShow API function Name Description Function name CursorShow Function prototype void CursorShow (GL_uint16_t Xpos, GL_uint16_t Ypos) Behavior description Show the cursor at the specified position. Input parameter {x} Xpos: specifies the X position of cursor Ypos: specifies the Y position of cursor Output parameter {x} None Return value None Required preconditions None Called functions No API/HAL layer functions |