| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3128 bảng dữ liệu(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 bảng dữ liệu(HTML) 76 Page - STMicroelectronics |
|
76 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 76/105 Doc ID 16918 Rev 5 4.6.9 GL_SetDisplayWindow HAL function Table 48 describes the GL_SetDisplayWindow function of the hardware abstraction layer. 4.6.10 GL_DrawLine HAL function Table 49 describes the GL_DrawLine function of the hardware abstraction layer. Table 48. GL_SetDisplayWindow Name Description Function name GL_SetDisplayWindow Function prototype void GL_SetDisplayWindow (GL_uint8_t Xpos, GL_uint16_t Ypos, GL_uint8_t Height, GL_uint16_t Width) Behavior description Sets a display window Input parameter {x} Xpos: specifies the X bottom left position Ypos: specifies the Y bottom left position Height: display window height. Width: display window width. Output parameter {x} None Return value None Required preconditions None Called functions LCD_SetDisplayWindow(Xpos, Ypos, Height, Width) Table 49. GL_DrawLine Name Description Function name GL_DrawLine Function prototype void GL_DrawLine (GL_uint8_t Xpos, GL_uint16_t Ypos, GL_uint16_t Length, GL_uint8_t Direction) Behavior description Displays a line Input parameter {x} Xpos: specifies the X position. Ypos: specifies the Y position. Length: line length. Direction: line direction. This parameter can be one of the following values: Vertical or Horizontal. Output parameter {x} None Return value None Required preconditions None Called functions LCD_DrawLine (Xpos, Ypos, Length, Direction) |