công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF280F bảng dữ liệu(PDF) 59 Page - ATMEL Corporation

tên linh kiện ATF280F
Giải thích chi tiết về linh kiện  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F bảng dữ liệu(HTML) 59 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 55Page - ATMEL Corporation ATF280F_14 Datasheet HTML 56Page - ATMEL Corporation ATF280F_14 Datasheet HTML 57Page - ATMEL Corporation ATF280F_14 Datasheet HTML 58Page - ATMEL Corporation ATF280F_14 Datasheet HTML 59Page - ATMEL Corporation ATF280F_14 Datasheet HTML 60Page - ATMEL Corporation ATF280F_14 Datasheet HTML 61Page - ATMEL Corporation ATF280F_14 Datasheet HTML 62Page - ATMEL Corporation ATF280F_14 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
59
Caution:
In parallel mode, the required interface for CHECK function is the same than for configuration
download. It means that for Mode 2, the IO743_A2_CS1 shall be used in parallel to the
IO655_CHECKN pin when starting the configuration download (dotted line in figure above).
Figure 6-5.
CHECK function in parallel mode 6
ATF280
FPGA
M0
M1
M2
RESETn
Parallel
EEPROM
ADDR[19:0]
DATA[7:0]
/CE
/RESET_OE
READY
External Component to
start Configuration
Download
Reset EEPROM
counters
Start configuration
download
User applies a low logic level
before starting configuration
download on both signals
IOx_A[19:0]
IOx_D[7:0]
CON
IO303_INIT
IO259_LDC
IO265_HDC
IO655_CHECKN
Mode 6
DATA[15:8]
IOx_D[15:8] (1)
CLK
CCLK
Notes:
1. In parallel modes, ATF280F is capable to be accessed through a 16 bits wide data bus. Refer to Register
section for configuration.
Caution:
In parallel mode, the required interface for CHECK function is the same than for configuration
download. It means that for Mode 6, the IO743_A2_CS1 is used in the output address bus
IOx_A[19:0]. The pin IO655_CHECKN pin shall be used when starting the configuration download.
6.1.4
Behavior
The use of CHECK function is done by launching in Run lifephase a configuration download while IO655_CHECKN pin
is externally driven to a low logic level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com