công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF280F bảng dữ liệu(PDF) 76 Page - ATMEL Corporation

tên linh kiện ATF280F
Giải thích chi tiết về linh kiện  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F bảng dữ liệu(HTML) 76 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 72Page - ATMEL Corporation ATF280F_14 Datasheet HTML 73Page - ATMEL Corporation ATF280F_14 Datasheet HTML 74Page - ATMEL Corporation ATF280F_14 Datasheet HTML 75Page - ATMEL Corporation ATF280F_14 Datasheet HTML 76Page - ATMEL Corporation ATF280F_14 Datasheet HTML 77Page - ATMEL Corporation ATF280F_14 Datasheet HTML 78Page - ATMEL Corporation ATF280F_14 Datasheet HTML 79Page - ATMEL Corporation ATF280F_14 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
76
13.2
TAP Architecture
The TAP implemented in the ATF280F consists in a TAP interface, a TAP controller and a number of shift registers
including an instruction register (IR) and some other registers.
Figure 13-2. AT697 TAP Architecture
13.2.1 TAP Instructions
The following instructions are supported by the TAP.
Table 13-2. TAP instruction set
Binary Value
Instruction Name
Data Register
Scan Chain Accessed
000
EXTEST
Boundary scan register
Boundary scan chain
001
SAMPLE/PRELOAD
Boundary scan register
Boundary scan chain
010
BYPASS
Bypass register
Bypass scan chain
111
IDCODE
Device id register
ID register scan chain
13.2.1.1 BYPASS
This instruction is binary coded "010"
It is used to speed up shifting at board level through components that are not to be activated.
13.2.1.2 EXTEST
This instruction is binary coded "000"
It is used to test connections between components at board level. Components output pins are controlled by boundary
scan register during Capture DR on the rising edge of TCK.
13.2.1.3 SAMPLE/PRELOAD
This instruction is binary coded "001"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com