công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF280F bảng dữ liệu(PDF) 54 Page - ATMEL Corporation

tên linh kiện ATF280F
Giải thích chi tiết về linh kiện  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F bảng dữ liệu(HTML) 54 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 50Page - ATMEL Corporation ATF280F_14 Datasheet HTML 51Page - ATMEL Corporation ATF280F_14 Datasheet HTML 52Page - ATMEL Corporation ATF280F_14 Datasheet HTML 53Page - ATMEL Corporation ATF280F_14 Datasheet HTML 54Page - ATMEL Corporation ATF280F_14 Datasheet HTML 55Page - ATMEL Corporation ATF280F_14 Datasheet HTML 56Page - ATMEL Corporation ATF280F_14 Datasheet HTML 57Page - ATMEL Corporation ATF280F_14 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
54
Figure 5-22. Management of configuration download link protection
5.4.3.1 Low level Errors management
These errors have the highest priority and terminate by a configuration download abort. They are managed in the same
way whatever is the used parallalel mode (Mode 2 or 6).
The low level errors are detected in case of bad values regarding the following elements:
“Preamble” mismatch
different from “10110111”
“Start Address” mismatch
if the start address of a window is corrupted,
“Stop Address” mismatch
if the stop address of a window is corrupted,
“Postamble” mismatch different from “11100111”.
In case of low level error, INIT is driven low during one CCLK clock period few clock cycles after the byte in default.
Then, INIT is released and CON is released. The configuration download is so finished.
5.4.3.2 Checksum Errors management
During the generation of an application bitstream, a checksum is computed with a specific algorithm by IDS tool and
stored in the bitstream checksum zone. This checksum is the reference for checksum error management.
All along the configuration download, the “configuration load checker” calculates on-the-fly a checksum byte by
accumulating all effective data of the downloaded bitstream with a hardcoded algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com