công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF280F bảng dữ liệu(PDF) 9 Page - ATMEL Corporation

tên linh kiện ATF280F
Giải thích chi tiết về linh kiện  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F bảng dữ liệu(HTML) 9 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 5Page - ATMEL Corporation ATF280F_14 Datasheet HTML 6Page - ATMEL Corporation ATF280F_14 Datasheet HTML 7Page - ATMEL Corporation ATF280F_14 Datasheet HTML 8Page - ATMEL Corporation ATF280F_14 Datasheet HTML 9Page - ATMEL Corporation ATF280F_14 Datasheet HTML 10Page - ATMEL Corporation ATF280F_14 Datasheet HTML 11Page - ATMEL Corporation ATF280F_14 Datasheet HTML 12Page - ATMEL Corporation ATF280F_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
9
IO655_CHECKN - Multiplexed General Purpose IO / Configuration Check
[CFG] CHECKN pin is used to enable the CHECK function when combined with a configuration download start.
[GPIO] General Purpose IO functionalities apply to this signal when used in IO mode.
IO225_OTSN - Multiplexed General Purpose IO / Tri-State Command
[CFG] OTSN pin is used to tri-state all the FPGA pins configured as user I/Os.
[GPIO] General Purpose IO functionalities apply to this signal when used in IO mode.
2.3
LVDS Interface
ILVDSx / ILVDSNx - LVDS Receiver Differential Pair (Input)
[LVDS] ILDVSx/ILVDSNx receiver is a pair of differential signals that comply with the LVDS standard.
OLVDSx / OLVDSNx - LVDS Driver Differential Pair (Output)
[LVDS] OLDVSx/OLVDSNx transmitter is a pair of differential signals that comply with the LVDS standard.
VREF - LVDS reference voltage
[LVDS] VREF is the reference voltage for LVDS transmission operations. Each LVDS cluster has dedicated VREF
source. It shall be accurately power supplied to 1.25V to comply with the LVDS standard.
2.4
Clocks Interface
IOx_FCKy - Multiplexed General Purpose IO / Fast Clock
[CLOCK] FCK function is used to provide high frequency clock to part of the design.
[GPIO] General Purpose IO functionalities apply to this signal when used in IO mode.
IOx_GCKy - Multiplexed General Purpose IO / Clock
[CLOCK] GCK function is used to provide clock signals over the entire surface of the FPGA.
[GPIO] General Purpose IO functionalities apply to this signal when used in IO mode.
IOx_GCKy_Az - Multiplexed General Purpose IO / Clock / Configuration Address
[CFG] A0:A23 are used to control external addressing of the memories during downloads.
[CLOCK] GCK function is used to provide clock signals over the entire surface of the FPGA.
[GPIO] General Purpose IO functionalities apply to this signal when used in IO mode.
IO720_GCK6_CSOUT - Multiplexed General Purpose IO / Clock / Configuration Select Output
[CFG] CSOUT is the configuration pin used to enable the downstream device in an FPGA cascade chain.
[CLOCK] GCK6 function is used to provide clock signals over the entire surface of the FPGA.
[GPIO] General Purpose IO functionalities apply to this signal when used in IO mode.
2.5
JTAG
TRST - Test Reset (pull-down input)
[JTAG] This asynchronous active low input resets the TAP when asserted.
This signal is meant for board testing purpose and shall be driven low in the final application.
TCK - Test Clock (pull-up input with Schmitt trigger)
[JTAG] This input is used to clock state information and test data into and out of the device during operation of the TAP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com