công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF280F bảng dữ liệu(PDF) 43 Page - ATMEL Corporation

tên linh kiện ATF280F
Giải thích chi tiết về linh kiện  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F bảng dữ liệu(HTML) 43 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 39Page - ATMEL Corporation ATF280F_14 Datasheet HTML 40Page - ATMEL Corporation ATF280F_14 Datasheet HTML 41Page - ATMEL Corporation ATF280F_14 Datasheet HTML 42Page - ATMEL Corporation ATF280F_14 Datasheet HTML 43Page - ATMEL Corporation ATF280F_14 Datasheet HTML 44Page - ATMEL Corporation ATF280F_14 Datasheet HTML 45Page - ATMEL Corporation ATF280F_14 Datasheet HTML 46Page - ATMEL Corporation ATF280F_14 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
43
5.3.2.2 Manual Reset in mode 7
The chronogram described here after presents the sequence of ATF280F from a Manual Reset until Idle. This is the
global overview of ATF280F Manual Reset sequence. At the end of this sequence, the ATF280F remains unconfigured
and is ready for configuration download in slave mode.
Figure 5-13. ATF280F: Manual Reset in mode 7
Notes:
1. This line shows the different lifephase viewable in life cycle diagram described in OperatingModes /
Lifephases
section,
2.
“MS” means Mode Sampling lifephase,
3.
“CCE” means Clear Cycle End.
[Manual Reset]: During the Manual Reset lifephase, the ATF280F starts to drive the signal regarding the configuration
download interfaces as defined below. This phase is entered when the RESETN pin is activated. The end of this
lifephase is marked by the rising edge of IO303_INIT pin. During Manual Reset lifephase, the Clear Cycle operation
(ended by CCE in the figure above) starts immediately and is performed in approximatively 2 ms. If the RESETN pin is
activated during less than the 2 ms required for the Clear Cycle operation, the ATF280F remains in Manual Reset until
CCE time:
M0, M1, M2: these signals are inputs and not used,
CCLK: this signal is internally pulled-up,
IO713_D0: this signal is internally pulled-up,
CON: this signal is driven to a low logic level,
IO303_INIT: this signal is driven low until the RESETN pin is released,
(1)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com