công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF280F bảng dữ liệu(PDF) 14 Page - ATMEL Corporation

tên linh kiện ATF280F
Giải thích chi tiết về linh kiện  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F bảng dữ liệu(HTML) 14 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 10Page - ATMEL Corporation ATF280F_14 Datasheet HTML 11Page - ATMEL Corporation ATF280F_14 Datasheet HTML 12Page - ATMEL Corporation ATF280F_14 Datasheet HTML 13Page - ATMEL Corporation ATF280F_14 Datasheet HTML 14Page - ATMEL Corporation ATF280F_14 Datasheet HTML 15Page - ATMEL Corporation ATF280F_14 Datasheet HTML 16Page - ATMEL Corporation ATF280F_14 Datasheet HTML 17Page - ATMEL Corporation ATF280F_14 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
14
3.2.5
Configuration Self Internal Checker
The Configuration Self Internal Checker module is responsible of the integrity of the data during the Run lifephase.
Once the configuration SRAM is written with the appropriate data, the ATF280F FPGA is capable to check all its
effective configuration data and to notify the user in case of errors inside the configuration SRAM. This mechanism is
useful to detect SEU that occur on the configuration SRAM.
3.3
User I/O
Depending on the package selected, the ATF280F features up to 308 general purpose IO for end user application. Each
IO can be individually adjusted to the application needs thanks to its extensive configurability. All the IOs are cold
sparing, have PCI compliance capability…
Please refer to the General Purpose Interface section for detailed information on the User IOs.
3.4
LVDS I/O
The ATF280F provides a 200MHz LVDS interface with cold sparing feature. This interface can be used for high speed
communication between the FPGA and its peripherals in order to exchange large amount of data.
Please refer to the LVDS Interface section for detailed information on the LVDS IOs
3.5
Clock
Please refer to the Clock section for detailed information on clock system implemented on the ATF280F.
3.6
JTAG
The ATF280F implements a standard interface compliant with the IEEE 1149.1 JTAG specification. This interface can
be used for PCB testing using the JTAG boundary-scan capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com