công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF280F bảng dữ liệu(PDF) 46 Page - ATMEL Corporation

tên linh kiện ATF280F
Giải thích chi tiết về linh kiện  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F bảng dữ liệu(HTML) 46 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 42Page - ATMEL Corporation ATF280F_14 Datasheet HTML 43Page - ATMEL Corporation ATF280F_14 Datasheet HTML 44Page - ATMEL Corporation ATF280F_14 Datasheet HTML 45Page - ATMEL Corporation ATF280F_14 Datasheet HTML 46Page - ATMEL Corporation ATF280F_14 Datasheet HTML 47Page - ATMEL Corporation ATF280F_14 Datasheet HTML 48Page - ATMEL Corporation ATF280F_14 Datasheet HTML 49Page - ATMEL Corporation ATF280F_14 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
46
IO713_D0: this signal is sampled by the FPGA at each rising edge of CCLK. It is the DATA ouput of the
EEPROM memory,
CON: this signal shall be first maintained to a low logic level by an external master component. The
configuration download starts immediately and CCLK is directly output. Once the ATF280F has sampled the
CON pin to low during three CCLK periods, it starts to drive the CON pin to a low logic level. Then the external
master component shall release the CON signal,
IO303_INIT: this signal is internally pulled-up and is used as an error monitoring pin. Refer to Data Link
Protection
section for serial configuration,
IO259_LDC: the Low During Configuration is driven to a low logic level,
IO265_HDC: the High During Configuration is driven to a high logic level,
RESETN: this signal is an input which immediately reset the configuration logic to a Manual Reset lifephase.
[Run]: Once configured, the ATF280F enters in Run lifephase. In this lifephase, the loaded application runs and its own
lifephases are taken into account. This lifephase is entered few CCLK cycles after the ATF280F has sensed the
postamble, it then releases the configuration interface signals and all multiplexed signals are set to their GPIO function:
M0, M1, M2: these signals remain inputs and are not used anymore,
CCLK: this signal is an input with pull-up and is not used anymore,
IO713_D0: this signal becomes a User I/O and takes its application configuration,
CON: this signal is released to a high logic level,
IO303_INIT: this signal becomes a User I/O and takes its application configuration,
IO259_LDC: this signal becomes a User I/O and takes its application configuration,
IO265_HDC: this signal becomes a User I/O and takes its application configuration,
RESETN: this signal is an input which immediately reset the configuration logic to a Manual Reset lifephase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com