công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF280F bảng dữ liệu(PDF) 28 Page - ATMEL Corporation

tên linh kiện ATF280F
Giải thích chi tiết về linh kiện  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F bảng dữ liệu(HTML) 28 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 24Page - ATMEL Corporation ATF280F_14 Datasheet HTML 25Page - ATMEL Corporation ATF280F_14 Datasheet HTML 26Page - ATMEL Corporation ATF280F_14 Datasheet HTML 27Page - ATMEL Corporation ATF280F_14 Datasheet HTML 28Page - ATMEL Corporation ATF280F_14 Datasheet HTML 29Page - ATMEL Corporation ATF280F_14 Datasheet HTML 30Page - ATMEL Corporation ATF280F_14 Datasheet HTML 31Page - ATMEL Corporation ATF280F_14 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
28
IO713_D0: this signal takes the value ouput by the EEPROM (first bit of the EEPROM),
CON: this signal is driven to a low logic level,
IO303_INIT: this signal is internally pulled-up,
IO259_LDC: the Low During Configuration is driven to a low logic level,
IO265_HDC: the High During Configuration is driven to a high logic level,
RESETN: this signal is an input which immediately reset the configuration logic to a Manual Reset lifephase.
[Configuration Download]: During the Configuration Download lifephase, the ATF280F continues to drive the signal
regarding configuration download interfaces, this lifephase starts when CCLK pin is ouput:
M0, M1, M2: these signals remain inputs and are not used anymore,
CCLK: this signal is output as clock source for the serial EEPROM memory. At each rising edge of CCLK, the
EEPROM memory outputs a new bit while the ATF280F senses the previous bit. By default, the CCLK
frequency toggles at a frequency of approximatively 900 KHz.
IO713_D0: this signal is sampled by the FPGA at each rising edge of CCLK. It is the DATA ouput of the
EEPROM memory,
CON: this signal is driven to a low logic level,
IO303_INIT: this signal is internally pulled-up and is used as an error monitoring pin. Refer to Data Link
Protection
section for serial configuration,
IO259_LDC: the Low During Configuration is driven to a low logic level,
IO265_HDC: the High During Configuration is driven to a high logic level,
RESETN: this signal is an input which immediately reset the configuration logic to a Manual Reset lifephase.
[Run]: Once configured, the ATF280F enters in Run lifephase. In this lifephase, the loaded application runs and its own
lifephases are taken into account. This lifephase is entered few CCLK cycles after the ATF280F has sensed the
postamble, it then releases the configuration interface signals and all multiplexed signals are set to their GPIO function:
M0, M1, M2: these signals remain inputs and are not used anymore,
CCLK: this signal is an input with pull-up and is not used anymore,
IO713_D0: this signal becomes a User I/O and takes its application configuration,
CON: this signal is released to a high logic level,
IO303_INIT: this signal becomes a User I/O and takes its application configuration,
IO259_LDC: this signal becomes a User I/O and takes its application configuration,
IO265_HDC: this signal becomes a User I/O and takes its application configuration,
RESETN: this signal is an input which immediately reset the configuration logic to a Manual Reset lifephase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com