công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF280F bảng dữ liệu(PDF) 38 Page - ATMEL Corporation

tên linh kiện ATF280F
Giải thích chi tiết về linh kiện  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F bảng dữ liệu(HTML) 38 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 34Page - ATMEL Corporation ATF280F_14 Datasheet HTML 35Page - ATMEL Corporation ATF280F_14 Datasheet HTML 36Page - ATMEL Corporation ATF280F_14 Datasheet HTML 37Page - ATMEL Corporation ATF280F_14 Datasheet HTML 38Page - ATMEL Corporation ATF280F_14 Datasheet HTML 39Page - ATMEL Corporation ATF280F_14 Datasheet HTML 40Page - ATMEL Corporation ATF280F_14 Datasheet HTML 41Page - ATMEL Corporation ATF280F_14 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
38
Figure 5-10. ATF280F: Configuration Download in mode 1
[Run]: In Run lifephase, the multiplexed pin of the ATF280F are in their GPIO function and as configured by the already
loaded application. This lifephase is exiting to enter in Configuration Download as soon as the CON pin is driven to a
low logic level by an external master:
M0, M1, M2: these signals remain inputs and are not used anymore (Mode is already sampled),
CCLK: this signal is an input with pull-up and is not used,
IO713_D0: this signal remains a User I/O,
CON: this signal is released to a high logic level by the ATF280F itself,
IO303_INIT: this signal remains a User I/O,
IO259_LDC: this signal remains a User I/O,
IO265_HDC: this signal remains a User I/O,
IO547_CS0: this signal remains a User I/O,
RESETN: this signal is an input which immediately reset the configuration logic to a Manual Reset lifephase.
[Configuration Download]: During the Configuration Download lifephase, the ATF280F starts to drive the signal
regarding configuration download interfaces, this lifephase starts when CON is lowered by an external master
component:
M0, M1, M2: these signals remain inputs and are not used anymore,
CCLK: this signal is an input and shall be provided by the external master component as clock source for the
serial EEPROM memory and the ATF280F. At each rising edge of CCLK, the EEPROM memory outputs a new
bit while the ATF280F senses the previous bit.
IO713_D0: this signal is sampled by the FPGA at each rising edge of CCLK. It is the DATA ouput of the
EEPROM memory,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com