công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF280F bảng dữ liệu(PDF) 2 Page - ATMEL Corporation

tên linh kiện ATF280F
Giải thích chi tiết về linh kiện  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F bảng dữ liệu(HTML) 2 Page - ATMEL Corporation

  ATF280F_14 Datasheet HTML 1Page - ATMEL Corporation ATF280F_14 Datasheet HTML 2Page - ATMEL Corporation ATF280F_14 Datasheet HTML 3Page - ATMEL Corporation ATF280F_14 Datasheet HTML 4Page - ATMEL Corporation ATF280F_14 Datasheet HTML 5Page - ATMEL Corporation ATF280F_14 Datasheet HTML 6Page - ATMEL Corporation ATF280F_14 Datasheet HTML 7Page - ATMEL Corporation ATF280F_14 Datasheet HTML 8Page - ATMEL Corporation ATF280F_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
2
256-pin MQFPF (148 I/Os, 8 LVDS Tx and 8 LVDS Rx)
352-pin MQFPF (249 I/Os, 8 LVDS Tx and 8 LVDS Rx)
472-pin MCGA (308 I/Os, 8 LVDS Tx and 8 LVDS Rx)
Weight: 14.9g (MCGA Package)
Design Kit including
Evaluation board
Software design tools
ISP probe
Description
The ATF280F is a radiation-hardened reprogrammable FPGA, especially designed for
space applications. For low-power consumption applications, the ATF280F is a new
device offering many advantages.
The ATF280F supports an innovative built-in SEU protection, which eliminates the need
for Triple-Module-Redundancy (TMR). Its re-programmability makes multiple design
iterations possible. Moreover, post-programming burn-in is not necessary.
The Development Kit enables you to evaluate the ATF280F quickly and economically,
running simple demonstrations as well as your complete applications. Throughout your
development, from concept to final integration, Atmel provides the tools and support to
help you successfully integrate your application into the ATF280F.
The ATF280F is available in MCGA/LGA 472 packages and features up to 308 standard
I/Os and 16 LVDS I/Os for the user application. The MQFP256 and MQFP352 packages
are also available for applications requiring fewer I/O’s.
Table 1.
ATF280F Summary
Function
ATF280F
Available ASIC Gates (50% typ. routable)
280K
Rows x Columns
120x120
Core Cells
14 400
RAM Bits
115 200
I/O max
308
Figure 2.
ATF280F Overview
User I/O
FPGA Core
Configuration
SRAM
POR
Configuration
control
Boundary
Scan
Controller
LVDS
Interface
Differential
Clocks
Configuration
Self Internal
Checker
Configuration
Load Checker
ATF280F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com