| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 244 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 244 Page - Freescale Semiconductor, Inc |
|
244 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 244 Freescale Semiconductor Operation: (B) + (M) ⇒ B Description: Performs bitwise logical inclusive OR between the content of accumulator B and the content of memory location M. The result is placed in B. Each bit of B after the operation is the logical inclusive OR of the corresponding bits of M and of B before the operation. ORAB Inclusive OR B ORAB CCR Details: S X HIN Z V C –––– ∆∆ 0 – N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: 0; cleared Source Form Address Mode Object Code Access Detail HCS12 M68HC12 ORAB #opr8i ORAB opr8a ORAB opr16a ORAB oprx0_xysp ORAB oprx9,xysp ORAB oprx16,xysp ORAB [D,xysp] ORAB [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] CA ii DA dd FA hh ll EA xb EA xb ff EA xb ee ff EA xb EA xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |